PART |
Description |
Maker |
TDA7333NTR TDA7333N |
RDS/RBDS processor
|
STMicroelectronics
|
BU1920 BU1920FS BU1920F |
Audio LSIs > High frequency signal processing > Decoder for RBDS (RDS) RDS / RBDS DECODER
|
ROHM[Rohm]
|
BU1924FS |
RDS / RBDS decoder
|
Rohm
|
BU1923 BU1923F A5800836 |
RDS / RBDS decoder From old datasheet system
|
Rohm CO.,LTD. ROHM[Rohm]
|
SI4622-A10 |
High-Performance, Single-Chip FM HD-Radio/RDS/RBDS
|
Silicon Laboratories
|
BU1924/F/FS |
Audio LSIs > High frequency signal processing > Decoder for RBDS (RDS)
|
ROHM
|
BU9532KS2 |
Signal processor LSI with pre-servo amplifier for CD players
|
LSI Computer Systems
|
IRFR3709ZPBF IRFU3709ZPBF IRFR3709ZTRR IRFR3709ZTR |
30 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mヘ , Qg = 17nC ) HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mΩ , Qg = 17nC ) High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
S5573 |
MOSFET, Switching; VDSS (V): 600; ID (A): 30; Pch : 200; RDS (ON) typ. (ohm) @10V: 0.2; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
KDW2503N |
5.5 A, 20 V. RDS(ON) = 0.021 Fast switching speed High performance trench technology for extremely low RDS(ON)
|
TY Semiconductor Co., Ltd
|